Part Number Hot Search : 
LQ0B152 192P561 133BGX APX188 75K10 C68HC MCJ40 MMBF439
Product Description
Full Text Search
 

To Download FR256-2C25A-2CDO-15 Datasheet File

  If you can't view the Datasheet, Please click here to try to view without PDF Reader .  
 
 


  Datasheet File OCR Text:
  m a x i m u m r atings and electrical characteristics rating 25 c ambient temperature uniess otherwies specified. s ingle phase half wave, 60hz, resistive or inductive load. for capacitive load, derate current by 20%. type number m aximum recurrent peak reverse voltage m aximum rms voltage m aximum dc blocking voltage m aximum average forward rectified current .375"(9.5mm) lead length at ta=75 c features m e chanical data p eak forward surge current, 8.3 ms single half sine-wave s uperimposed on rated load (jedec method) m aximum instantaneous forward v oltage at 2. 5 a m aximum dc reverse current ta=25 c at rated dc blocking voltage ta=100 c m aximum reverse recovery time (note 1) typical junction capacitance (note 2) 50 100 200 400 600 800 1000 v 50 100 200 400 600 800 1000 v 35 70 140 280 420 560 700 2. 5 8 5 5.0 100 40 - 65 +150 v a a v m a m a ns pf notes: 1. reverse recovery time test condition: if=0.5a, ir=1.0a, irr=0.25a 2. measured at 1mhz and applied reverse voltage of 4.0v d.c. * low forward voltage drop * high current capability * high reliability * high surge current capability * case: molded plastic * epoxy: ul 94v-0 rate flame retardant * lead: axial leads, solderable per mil-std-202, method 208 guranteed * polarity: color band denotes cathode end * mounting position: any * weight: 0.40 grams 1.3 250 500 150 v oltage range 50 to 1000 volts current 2. 5 a m peres dimensions in inches and (millimeters) do-15 1.0(25.4) min. 1.0(25.4) min. .300(7.6) .230(5.8) .03 1 (. 8 ) .02 3 (. 6 ) dia. .140(3.6) .104(2.6) dia. operating and storage temperature range t , t j s tg c fr2 5 1 fr2 5 2 fr2 5 3 fr2 5 4 fr2 5 5 fr2 5 6 fr2 5 7 units 92 * both normal and pb free product are available: * normal:80~95%sn,5~20%pb * pb free:99 sn above can meet rohs enviroment substance directive request fr 2 5 1 thru fr 257 2 . 5 amp f ast recovery rectifiers
0.1 1.0 .01 10 50 r a ting and characteristic cu r ves (fr2 5 1 thru fr2 5 7) characteristics fig.2-typical forward current derating curve average forward current,(a) fig.5-typical junction capacitance reverse voltage,(v) j unction capacitance,(pf) instantaneous forward current,(a) forward voltage,(v) pulse width 300us 1% duty cycle 0.5 1.0 1.5 2.0 2.5 3.0 140 120 100 80 60 40 20 0 ( + ) ( + ) 25vdc ( approx.) ( ) ( ) pulse generator (note 2) oscilliscope (note 1) 1 non- inductive w notes: 1. rise time= 7ns max., input impedance= 1 megohm.22pf. 2. rise time= 10ns max., source impedance= 50 ohms. + 0.5a 0 - 0.25a - 1.0a | | | | | | | | 1cm set time base for 50 / 10ns / cm trr .01 .05 .1 .5 1 5 10 50 100 d.u.t. .6 .8 1.0 1.2 1.4 1.6 1.8 2.0 3.0 single phase half wave 60hz resistive or inductive load 0.375"(9.5mm) lead length fig.3- test circuit diagram and reverse recovery time characteristics 10 noninductive 50 noninductive w w tj=25 c fig.4-maximum non-repetitive forward surge current 2 5 0 5 0 7 5 1 00 1 2 5 number of cycles at 60hz 1 10 5 50 100 tj=25 c 8.3ms single half sine wave jedec method 0 20 40 60 80 100 120 140 160 180 200 0 peak forward surge current,(a) ambient temperature,( c) fig.1-typical forward 93


▲Up To Search▲   

 
Price & Availability of FR256-2C25A-2CDO-15

All Rights Reserved © IC-ON-LINE 2003 - 2022  

[Add Bookmark] [Contact Us] [Link exchange] [Privacy policy]
Mirror Sites :  [www.datasheet.hk]   [www.maxim4u.com]  [www.ic-on-line.cn] [www.ic-on-line.com] [www.ic-on-line.net] [www.alldatasheet.com.cn] [www.gdcy.com]  [www.gdcy.net]


 . . . . .
  We use cookies to deliver the best possible web experience and assist with our advertising efforts. By continuing to use this site, you consent to the use of cookies. For more information on cookies, please take a look at our Privacy Policy. X